PART |
Description |
Maker |
MRA4005T1 MRA4004 MRA4004T3 MRA4004T3G MRA4003 MRA |
Surface Mount Standard Recovery Power Rectifier 1 A, 600 V, SILICON, SIGNAL DIODE 1A 600V Standard Recovery Rectifier 1A 400V Standard Recovery Rectifier 1A 800V Standard Recovery Rectifier 1A 1000V Standard Recovery Rectifier
|
ONSEMI[ON Semiconductor]
|
SCNAR05 SCNAR1 SCNAR2 SCNAR4 SCNAR6 SCNAR8 SCDAR8 |
High Current, Standard Recovery Doubler Rectifier(反向电压800V,温5℃时平均整流电流22.5A,大电标准恢复倍增整流 High Current, Standard Recovery Doubler Rectifier(反向电压100V,温5℃时平均整流电流22.5A,大电标准恢复倍增整流 High Current, Standard Recovery Doubler Rectifier(反向电压50V,温5℃时平均整流电流22.5A,大电标准恢复倍增整流 High Current, Standard Recovery Doubler Rectifier(反向电压400V,温5℃时平均整流电流22.5A,大电标准恢复倍增整流 High Current, Standard Recovery Doubler Rectifier(反向电压600V,温5℃时平均整流电流22.5A,大电标准恢复倍增整流 High Current, Standard Recovery Doubler Rectifier(反向电压200V,温5℃时平均整流电流22.5A,大电标准恢复倍增整流 STANDARD RECOVERY DOUBLER AND CENTER TAPS
|
Semtech Corporation
|
MSARS200S20LP MSARS200S20LRP |
HIGH CURRENT CAPABILITY & LOW VOLTAGE DROP STANDARD RECOVERY RECTIFIER 200 A, 200 V, SILICON, RECTIFIER DIODE HIGH CURRENT CAPABILITY & LOW VOLTAGE DROP STANDARD RECOVERY RECTIFIER Standard Rectifier (trr more than 500ns)
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
MBR1545CT MBR1545CTG MBR1535CTG |
15A 45V Schottky Rectifier; Package: TO-220 3 LEAD STANDARD; No of Pins: 3; Container: Rail; Qty per Container: 50 7.5 A, 45 V, SILICON, RECTIFIER DIODE, TO-220AB SWITCHMODE Power Rectifier
|
ON Semiconductor
|
AS9C25128M2036L-250PI AS9C25128M2036L-133FC AS9C25 |
Miniature Enclosed Switches Series 914CE: Top Plunger; 1NC 1NO SPDT Snap Action; 9 foot Cable RECTIFIER STANDARD SINGLE 6A 50V 50 400A-ifsm 10uA-ir 0.9V-vf R6 500/REEL-13 IC REG LDO 1.0A 1.5V TO-252 RECTIFIER STANDARD SINGLE 6A 800V 800 400A-ifsm 10uA-ir 0.9V-vf R6 500/REEL-13 RECTIFIER STANDARD SINGLE 6A 600V 600 400A-ifsm 10uA-ir 0.9V-vf R6 500/REEL-13 RECTIFIER BRIDGE 2A 800V 60A-ifsm 1.1V-vf 5uA-ir WOG 1K/BULK IC REG LDO 1.5A 1.8V TO-252 RECTIFIER STANDARD SINGLE 6A 100V 100 400A-ifsm 10uA-ir 0.9V-vf R6 500/REEL-13 IC REG LDO 1.5A POS ADJ TO-252 RECTIFIER STANDARD SINGLE 6A 1000V 1000 400A-ifsm 10uA-ir 0.9V-vf R6 500/REEL-13 RECTIFIER STANDARD SINGLE 6A 200V 200 400A-ifsm 10uA-ir 0.9V-vf R6 500/REEL-13 RECTIFIER STANDARD SINGLE 6A 400V 400 400A-ifsm 10uA-ir 0.9V-vf R6 500/REEL-13 IC REG LDO 1.5A 3.3V TO-252 RECTIFIER BRIDGE 2A 1000V 60A-ifsm 1.1V-vf 5uA-ir WOG 1K/BULK RECTIFIER BRIDGE 2A 600V 60A-ifsm 1.1V-vf 5uA-ir WOG 1K/BULK 2.5V 256/128K X 36 Synchronous Dual-port SRAM with 3.3V or 2.5V interface 128K X 36 DUAL-PORT SRAM, 12 ns, PBGA256 2.5V 256/128K X 36 Synchronous Dual-port SRAM with 3.3V or 2.5V interface 256K X 36 DUAL-PORT SRAM, 6.5 ns, PBGA208 2.5V 256/128K X 36 Synchronous Dual-port SRAM with 3.3V or 2.5V interface 256K X 36 DUAL-PORT SRAM, 12 ns, PQFP208 128K X 36 DUAL-PORT SRAM, 10 ns, PQFP208
|
Alliance Semiconductor Corporation Alliance Semiconductor, Corp. INTEGRATED SILICON SOLUTION INC Alliance Semiconductor Corp...
|
USS75 USB UFB7.5 USB7.5 UFB2.5 UFS7.5 USS7.5 UFB75 |
RECTIFIERS ASSEMBLIES High Voltage Rectifier Standard Rectifier (trr more than 500ns)
|
Microsemi
|
1N5819RL 1N4001RL 1N5953BRL |
1A 40V Schottky Rectifier 1A 50V Standard Rectifier Zener 150V 3.0W 5%
|
ON Semiconductor
|
KP647 KP247 KP447 KP457 |
(KP4xx) Quick Connect Controlled Avalanche Rectifier Standard Rectifier (trr more than 500ns)
|
MICROSEMI[Microsemi Corporation]
|
1N1202C S2580 S25160 1N1199C 1N1203C 1N1204C 1N120 |
Standard Rectifier (trr more than 500ns) SILICON POWER RECTIFIER CONN L/FORK INSUL 12-10 AWG #6
|
MICROSEMI[Microsemi Corporation]
|
1N2789 1N2134 1N4138 1N2137 1N2458 1N4136 1N2460 1 |
SILICON POWER RECTIFIER Standard Rectifier (trr more than 500ns)
|
MICROSEMI CORP-LAWRENCE MICROSEMI[Microsemi Corporation]
|
M50A M60A |
Axialleaded Hermetically Sealed High Voltage Standard Recovery Rectifier Diode(反向电压6000V,平均正向电60mA,轴向引脚,密封型,高压,标准恢复整流二极管) RECTIFIER, up to 6kV, 260mA, 5μs RECTIFIER, up to 6kV, 260mA, 5楼矛s
|
Semtech Corporation
|